Part Number Hot Search : 
NTE1896 PE4245 5KP11C 22C8N7 TA1270 RT2417B7 DS1227 IDT74
Product Description
Full Text Search
 

To Download BAV16W1N4148W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features notes: 1. valid provided that terminals are kept at ambient temperature.  fast switching speed  surface mount package ideally suited for automatic insertion  for general purpose switching applications  high conductance 2 . 70 3 . 70 0 . 5 5 1 . 0 5 1 . 6 sod-123 characteristic symbol value unit non-repetitive peak reverse voltage v rm 100 v peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 75 v rms reverse voltage v r(rms) 53 v forward continuous current (note 1) i fm 300 ma average rectified output current (note 1) i o 150 ma non-repetitive peak forward surge current @ t = 1.0  s @ t = 1.0s i fsm 2.0 1.0 a power dissipation (note 1) p d 400 mw thermal resistance junction to ambient air (note 1) r  ja 315 k/w operating and storage temperature range t j ,t stg -65 to +150  c characteristic symbol min max unit test condition maximum forward voltage v fm  0.715 0.855 1.0 1.25 v i f = 1.0ma i f = 10ma i f = 50ma i f = 150ma maximum peak reverse current i rm  1.0 50 30 25  a  a  a na v r = 75v v r = 75v, t j = 150  c v r = 25v, t j = 150  c v r = 20v junction capacitance c j  2.0 pf v r = 0, f = 1.0mhz reverse recovery time t rr  4.0 ns i f = i r = 10ma, i rr = 0.1 x i r ,r l = 100  electrical characteristics @ t a = 25  c unless otherwise specified maximum ratings @ t a = 25  c unless otherwise specified hsin semiconductor pte ltd www.hsin.com.s g plastic encapsulate fast switching diode b a v 1 6 w / 1 n 4 1 4 8 w
1 10 100 1000 10,000 0 100 200 i , leakage current (na) r t , junction temperature (c) fig. 2 leakage current vs junction temperature j v = 20v r 10 1.0 100 1000 0.1 0.01 01 2 i , instantane o us f o r ward current (ma) f v , instantaneous forward voltage (v) fig. 1 forward characteristics f
c b d 0.20 e a1 a2 a e1 l l1 sod-123 p ackage outline dimensions symbol a a1 a2 b c d e e1 l l1 | min 1.050 0.000 1.050 0.450 0.080 1.500 2.600 3.550 0.250 0 max 1.250 0.100 1.150 0.650 0.150 1.700 2.800 3.850 0.450 8 min 0.041 0.000 0.041 0.018 0.003 0.059 0.102 0.140 0.010 0 max 0.049 0.004 0.045 0.026 0.006 0.067 0.110 0.152 0.018 8 dimensions in millimeters dimensions in inches 0.020ref 0.500ref |


▲Up To Search▲   

 
Price & Availability of BAV16W1N4148W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X